Part Number Hot Search : 
MAX9972 0509S MAY4364K 82K68A SP254 123SA 2SB1143 6ABST
Product Description
Full Text Search
 

To Download SA17 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SA5.0
THRU
SA180CA
500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
VOLTAGE RANGE
5.0 to 180 Volts
FEATURES
* 500 Watts Surge Capability at 1ms * Excellent clamping capability * Low zener impedance * Fast response time: Typically less than 1.0ps from 0 volt to BV min. * Typical IR less than 1 A above 10V * High temperature soldering guaranteed: 260 C / 10 seconds / .375"(9.5mm) lead length, 5lbs.(2.3kg) tension
500 Watts Peak Power 3.0 Watts Steady State
DO-15
.140(3.6) .104(2.6) DIA.
1.0(25.4) MIN.
MECHANICAL DATA
* Case: Molded plastic * Epoxy: UL 94V-0 rate flame retardant * Lead: Axial leads, solderable per MIL-STD-202, method 208 guranteed * Polarity: Color band denotes cathode end * Mounting position: Any * Weight: 0.40 grams
.300(7.6) .230(5.8)
.034(.9) .028(.7) DIA.
1.0(25.4) MIN.
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified. Single phase half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
RATINGS
Peak Power Dissipation at TA=25 C, TP=1ms(NOTE 1) Steady State Power Dissipation at TL=75 C Lead Length .375"(9.5mm) (NOTE 2) Peak Forward Surge Current at 8.3ms Single Half Sine-Wave superimposed on rated load (JEDEC method) (NOTE 3) Operating and Storage Temperature Range
SYMBOL
PPK PD IFSM TJ, TSTG
VALUE
Minimum 500 3.0 70 -55 to +175
UNITS
Watts Watts Amps C
NOTES: 1. Non-repetitive current pulse per Fig. 3 and derated above TA=25 C per Fig. 2. 2. Mounted on Copper Pad area of 1.6" X 1.6" (40mm X 40mm) per Fig.5. 3. 8.3ms single half sine-wave, duty cycle = 4 pulses per minute maximum.
DEVICES FOR BIPOLAR APPLICATIONS
1. For Bidirectional use C or CA Suffix for types SA5.0 thru SA180. 2. Electrical characteristics apply in both directions.
RATING AND CHARACTERISTIC CURVES (SA5.0 THRU SA180CA)
FIG.1-PEAK PULSE POWER DERATING CURVE
Non-Repetitive Pulse Waveform Shown in Fig. 3 TA=25 C 10 PEAK PULSE POWER(PPP) OR CURRENT(IPP) DERATING IN PERCENTAGE 100 100
FIG.2-PULSE DERATING CURVE
PPPM, PEAK PULSE POWER, KW
75
50
1.0
25
0.1 0.1ms
0 1.0ms 10ms 100ms 1.0ms 10ms 0 25 50 75 100 125 150 175
td, PULSE WIDTH, sec.
TA, AMBIENT TEMPERATURE ( C)
FIG.3-PULSE WAVE FORM
150 IPPM, PEAK PULSE CURRENT, %
Tf=10 s Peak Value IPPM TA=25 C Pulse Width (td) is defined as the point where the Peak Current Deacys to 50% of Ipp 10,000 5,000 2,000
FIG.4-TYPICAL JUNCTION CAPACITANCE
TJ=25 C f=1.0MHz Vsig=50mVp-p Measued at Zero Bias
100
CJ, CAPACITANCE, pF
1,000 500 200 100 50 20
Half Value-IPPM 2
50
10/1000 sec Waveform as Defined by R.E.A.
Measured at Stand-Off Voltage(VMW)
td
e-kt
0
0
1.0
2.0
3.0
4.0
10 1.0
2.0
5.0
10
20
50
100
200
t, TIME, ms
V(BR), BREAKDOWN VOLTAGE, VOL TS
FIG.5-STEADY STATE POWER DERATING CURVE
Pm(AV), STEADY STATE POWER DISSIPATION, WATTS
1.00
FIG.6-MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT, UNIDIRECTIONAL
100 80 TJ=TJmax 8.3ms Single Half Sine-wave JEDEC Method
IFSM, PEAK FORWARD SURGE CURRENT, AMPERES
0.75 L=.375"(9.5mm)
60
40
0.50
0.25
40mm x 40mm x 1mm Copper Heat Sink (1.6" x 1.6" x .040")
20
10 0 0 25 50 75 100 125 150 175 200
1
5
10
20
50
100
NUMBER OF CYCLES AT 60Hz
TL, LEAD TEMPERATURE ( C)
500 Watt Axial Lead TVS
UNI REVERSE BREAKDOWN BREAKDOWN TEST DIRECTIONAL STAND-OFF VOLTAGE VOLTAGE CURRENT PART VOLTAGE VBR (V) VRB (V) IT NUMBER VRWM (V) MIN. @IT MAX. @IT (mA) SA5.0 SA5.0A SA6.0 SA6.0A SA6.5 SA6.5A SA7.0 SA7.0A SA7.5 SA7.5A SA8.0 SA8.0A SA8.5 SA8.5A SA9.0 SA9.0A SA10 SA10A SA11 SA11A SA12 SA12A SA13 SA13A SA14 SA14A SA15 SA15A SA16 SA16A SA17 SA17A SA18 SA18A SA20 SA20A SA22 SA22A SA24 SA24A SA26 SA26A SA28 SA28A SA30 SA30A SA33 SA33A SA36 SA36A SA40 SA40A 5.00 5.00 6.00 6.00 6.50 6.50 7.00 7.00 7.50 7.50 8.00 8.00 8.50 8.50 9.00 9.00 10.00 10.00 11.00 11.00 12.00 12.00 13.00 13.00 14.00 14.00 15.00 15.00 16.00 16.00 17.00 17.00 18.00 18.00 20.00 20.00 22.00 22.00 24.00 24.00 26.00 26.00 28.00 28.00 30.00 30.00 33.00 33.00 36.00 36.00 40.00 40.00 6.40 6.40 6.67 6.67 7.22 7.22 7.78 7.78 8.33 8.33 8.89 8.89 9.44 9.44 10.00 10.00 11.10 11.10 12.20 12.20 13.30 13.30 14.40 14.40 15.60 15.60 16.70 16.70 17.80 17.80 18.90 18.90 20.00 20.00 22.20 22.20 24.40 24.40 26.70 26.70 28.90 28.90 31.10 31.10 33.30 33.30 36.70 36.70 40.00 40.00 44.40 44.40 7.30 7.00 8.15 7.37 8.82 7.98 9.51 8.60 10.20 9.21 10.90 9.83 11.50 10.40 12.20 11.10 13.60 12.30 14.90 13.50 16.30 14.70 17.60 15.90 19.10 17.20 20.40 18.50 21.80 19.70 23.10 20.90 24.40 22.10 27.10 24.50 29.80 26.90 32.60 29.50 35.30 31.90 38.00 34.40 40.70 36.80 44.90 40.60 48.90 44.20 54.30 49.10 10 10 10 10 10 10 10 10 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
MAXIMUM CLAMPING VOLTAGE @Ipp Vc (V) 9.6 9.2 11.4 10.3 12.3 11.2 13.3 12.0 14.3 12.9 15.0 13.6 15.9 14.4 16.9 15.4 18.8 17.0 20.1 18.2 22.0 19.9 23.8 21.5 25.8 23.2 26.9 24.4 28.8 26.0 30.5 27.6 32.2 29.2 35.8 32.4 39.4 35.5 43.0 38.9 46.6 42.1 50.1 45.4 53.5 48.4 59.0 53.3 64.3 58.1 71.4 64.5
PEAK REVERSE PULSE LEAKAGE CURRENT @ VRWM Ipp (A) IR( A) 53.1 55.4 44.7 49.5 41.5 45.5 38.3 42.5 35.7 39.5 34.0 37.5 32.1 35.4 30.2 33.1 27.1 30.0 25.4 28.0 23.2 25.6 21.4 23.7 19.8 22.0 19.0 20.9 17.7 19.6 16.7 18.5 15.8 17.5 14.2 15.7 12.9 14.4 11.9 13.1 10.9 12.1 10.2 11.2 9.5 10.5 8.6 9.6 7.9 8.8 7.1 7.9 600 600 600 600 400 400 150 150 50 50 25 25 10 10 5 5 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3
500 Watt Axial Lead TVS
UNI REVERSE BREAKDOWN BREAKDOWN TEST DIRECTIONAL STAND-OFF VOLTAGE VOLTAGE CURRENT PART VOLTAGE VBR (V) VRB (V) IT NUMBER VRWM (V) MIN. @IT MAX. @IT (mA) SA43 SA43A SA45 SA45A SA48 SA48A SA51 SA51A SA54 SA54A SA58 SA58A SA60 SA60A SA64 SA64A SA70 SA70A SA75 SA75A SA78 SA78A SA85 SA85A SA90 SA90A SA100 SA100A SA110 SA110A SA120 SA120A SA130 SA130A SA150 SA150A SA160 SA160A SA170 SA170A SA180 SA180A 43.00 43.00 45.00 45.00 48.00 48.00 51.00 51.00 54.00 54.00 58.00 58.00 60.00 60.00 64.00 64.00 70.00 70.00 75.00 75.00 78.00 78.00 85.00 85.00 90.00 90.00 100.00 100.00 110.00 110.00 120.00 120.00 130.00 130.00 150.00 150.00 160.00 160.00 170.00 170.00 180.00 180.00 47.80 47.80 50.00 50.00 53.30 53.30 56.70 56.70 60.00 60.00 64.40 64.40 66.70 66.70 71.10 71.10 77.80 77.80 83.30 83.30 86.70 86.70 94.40 94.40 100.00 100.00 111.00 111.00 122.00 122.00 133.00 133.00 144.00 144.00 167.00 167.00 178.00 178.00 189.00 189.00 200.00 200.00 58.40 52.80 61.10 55.30 65.20 58.90 69.30 62.70 73.30 66.30 78.70 71.20 81.50 73.70 86.90 78.60 95.10 86.00 102.00 92.10 106.00 95.80 115.00 104.00 122.00 111.00 136.00 123.00 149.00 135.00 163.00 147.00 176.00 159.00 204.00 185.00 218.00 197.00 231.00 209.00 244.00 233.00 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
MAXIMUM CLAMPING VOLTAGE @Ipp Vc (V) 76.7 69.4 80.3 72.7 85.5 77.4 91.1 82.4 96.3 87.1 103.0 93.6 107.0 96.8 114.0 103.0 125.0 113.0 134.0 121.0 139.0 126.0 151.0 137.0 160.0 146.0 179.0 162.0 196.0 177.0 214.0 193.0 230.0 209.0 268.0 243.0 287.0 259.0 304.0 275.0 320.0 289.0
PEAK REVERSE PULSE LEAKAGE CURRENT @ VRWM Ipp (A) IR( A) 6.6 7.3 6.4 7.0 6.0 6.6 5.6 6.2 5.3 5.9 5.0 5.4 4.8 5.3 4.5 5.0 4.1 4.5 3.8 4.2 3.7 4.0 3.4 3.7 3.2 3.5 2.8 3.1 2.6 2.9 2.4 2.6 2.2 2.4 1.9 2.1 1.7 2.0 1.7 1.9 1.6 1.7 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3 3


▲Up To Search▲   

 
Price & Availability of SA17

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X